Part Number Hot Search : 
AD7951 120SI LM2901D Y62138 MC5610 IVRC059X AP1605SL 1N4933G
Product Description
Full Text Search
 

To Download 2SC4804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC4804
DESCRIPTION With ITO-220 package High breakdown voltage APPLICATIONS Switching regulator and high voltage switching applications High speed DC-DC converter applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (ITO-220) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Total power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 900 600 7 3 5 1 30 150 -55~150 ae ae UNIT V V V A A A W
JMnic
Product Specification
Silicon NPN Power Transistors
2SC4804
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP. MAX UNIT
SYMBOL
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA ;IB=0
600
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA ;IE=0
900
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ;IC=0
7
V
VCEsat
Collector-emitter saturation voltage
IC=0.8A; IB=0.16A
0.6
V
VBEsat
Base-emitter saturation voltage
IC=0.8A; IB=0.16A
1.2
V
ICBO
Collector cut-off current
VCB=800V; IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
0.1
mA
hFE
DC current gain
IC=0.8A ; VCE=5V
10
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4804
Fig.2 Outline dimensions (unindicated tolerance:A
0.20 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC4804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X